| データシートサーチシステム |
|
AM1705DPTP3 データシート(PDF) 97 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM1705DPTP3 データシート(HTML) 97 Page - Texas Instruments |
|
97 / 165 page ![]() 15 14 13 13 13 13 13 13 13 12 12 11 10 10 9 A0 A1 B0 B1 A30 A31 B30 B31 C0 C1 C2 C3 C31 AHCLKR/X (Falling Edge Polarity) AHCLKR/X (Rising Edge Polarity) AFSR/X (Bit Width, 0 Bit Delay) AFSR/X (Bit Width, 1 Bit Delay) AFSR/X (Bit Width, 2 Bit Delay) AFSR/X (Slot Width, 0 Bit Delay) AFSR/X (Slot Width, 1 Bit Delay) AFSR/X (Slot Width, 2 Bit Delay) AXR[n] (Data Out/Transmit) ACLKR/X (CLKRP = CLKXP = 0)(B) ACLKR/X (CLKRP = CLKXP = 1)(A) AM1705 www.ti.com SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014 A. For CLKRP = CLKXP = 1, the McASP transmitter is configured for falling edge (to shift data out) and the McASP receiver is configured for rising edge (to shift data in). B. For CLKRP = CLKXP = 0, the McASP transmitter is configured for rising edge (to shift data out) and the McASP receiver is configured for falling edge (to shift data in). Figure 6-30. McASP Output Timings Copyright © 2010–2014, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 97 Submit Documentation Feedback Product Folder Links: AM1705 |