| データシートサーチシステム |
|
DP83256 データシート(PDF) 53 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DP83256 データシート(HTML) 53 Page - Texas Instruments |
|
53 / 146 page ![]() 50 Registers (Continued) 58 INJECTION SYMBOL REGISTER B (ISRB) The Injection Symbol Register B along with Injection Symbol Register A contains the programmable value (already in 5B code) that will replace the data symbol pairs In One Shot mode ISRA and ISRB are injected n bytes after a JK where n is the programmed value of the Injection Threshold Register In the Periodic mode ISRA and ISRB are injected every n-th symbol pair In the Continuous mode all data symbols are replaced with ISRA and ISRB ACCESS RULES ADDRESS READ WRITE 07h Always Always D7 D6 D5 D4 D3 D2 D1 D0 RES RES RES IJS9 IJS8 IJS7 IJS6 IJS5 Bit Symbol Description D0 – D4 IJS0 – IJS4 INJECTION SYMBOL BITk0-4l Symbol to be injected IJS0 is the Least Significant Bit (LSB) and goes out onto the media last D5 – D7 RES RESERVED Reserved for future use Note Users are discouraged from using these bits The reserved bits are set to 0 during the reset process They may be set or cleared without any effects to the functionality of the PLAYERa device 52 |