| データシートサーチシステム |
|
DP83256 データシート(PDF) 82 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DP83256 データシート(HTML) 82 Page - Texas Instruments |
|
82 / 146 page ![]() 50 Registers (Continued) 537 SCRUB TIMER VALUE REGISTER (STVR) This is a snap-shot of the current value of the upper 8 bits of the scrub timer During a Control Bus Interface write cycle the Control Bus Write Command Reject bit (CCR) of the Interrupt Condition Register (ICR) will be set to 1 and will ignore a write cycle ACCESS RULES ADDRESS READ WRITE 25h Always Write Reject D7 D6 D5 D4 D3 D2 D1 D0 STV7 STV6 STV5 STV4 STV3 STV2 STV1 STV0 Bit Symbol Description D0 – D7 STV0 – STV7 SCRUB TIMER VALUE BITk0-7l Snap-shot of the scrub timer STV0 is the Least Significant Bit (LSB) 81 |