| データシートサーチシステム |
|
DP83256 データシート(PDF) 143 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DP83256 データシート(HTML) 143 Page - Texas Instruments |
|
143 / 146 page ![]() 90 Package Information The information contained in this section describes the two packages used for the PLAYERa device Land pattern information is provided to assist in surface mount layout using each of the available PLAYERa device packages Mechanical drawings of each of the packages are also provided 91 LAND PATTERNS TLF11708 – 46 FIGURE 9-1 Layout Land Patterns TABLE 9-1 Layout Land Pattern Dimensions Device A (mm) B (mm) P (mm) X (mm) DP83256VF and DP83256VF-AP 1460 1845 050 035 14mm x 14mm x 20mm 100-lead JEDEC FPQFP DP83257VF 2890 3340 065 045 28mm x 28mm x 342mm 160-lead JEDEC MQFP 92 MECHANICAL DRAWINGS The following two pages contain the mechanical drawings for each of the available PLAYERa device packages 142 |