| データシートサーチシステム |
|
V62/12615-01XE-R データシート(PDF) 30 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
V62/12615-01XE-R データシート(HTML) 30 Page - Texas Instruments |
|
30 / 92 page ![]() Normal link pulses T2.21.1 T2.21.2 TXE PMD output pair COL T2.20.1 T2.20.2 TX_CLK TX_EN COL T2.19.1 T2.19.2 DP83848-EP SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013 www.ti.com 3.5.19 10 Mb/s Heartbeat Timing Figure 3-20. 10 Mb/s Heartbeat Timing xxx PARAMETER DESCRIPTION NOTES MIN TYP MAX UNIT T2.19.1 CD Heartbeat Delay All 10 Mb/s modes 1200 ns T2.19.2 CD Heartbeat Duration All 10 Mb/s modes 1000 ns 3.5.20 10 Mb/s Jabber Timing Figure 3-21. 10 Mb/s Jabber Timing xxx PARAMETER DESCRIPTION NOTES MIN TYP MAX UNIT T2.20.1 Jabber Activation Time 85 ms T2.20.2 Jabber Deactivation Time 500 ms 3.5.21 10BASE-T Normal Link Pulse Timing Figure 3-22. 10BASE-T Normal Link Pulse Timing xxx PARAMETER DESCRIPTION NOTES(1) MIN TYP MAX UNIT T2.21.1 Pulse Width 100 ns T2.21.2 Pulse Period 16 ms (1) These specifications represent transmit timings. 30 ELECTRICAL SPECIFICATIONS Copyright © 2012–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: DP83848-EP |