| データシートサーチシステム |
|
AD1985 データシート(PDF) 42 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD1985 データシート(HTML) 42 Page - Analog Devices |
|
42 / 48 page ![]() AD1985 Rev. A | Page 42 of 48 Codec Class/Revision Register (Index 0x60, Page 01) Reg Num Name D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Default 0x60 Codec Class/Rev X X X CL4 CL3 CL2 CL1 CL0 RV7 RV6 RV5 RV4 RV3 RV2 RV1 RV0 N/A New register added for AC ’97 2.3. RV[7:0] Revision ID. (Read-only.) The initial production version of the AD1985 reports three. This will increment with each stepping/revision of the codec chip. CL[4:0] Codec Compatibility Class. (Read-only.) The AD1985 will return 0x00 from these bits. X Reserved. PCI Subsystem Vendor ID Register (Index 0x62, Page 01) Reg Num Name D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Default 0x62 PCI SVID PVI15 PVI14 PVI13 PVI12 PVI11 PVI10 PVI9 PVI8 PVI7 PVI6 PVI5 PVI4 PVI3 PVI2 PVI1 PVI0 N/A New register added for AC ’97 2.3. PVI[15:0] PCI Subsystem Vendor ID. (Read/write.) This field provides the PCI subsystem vendor ID of the audio or modem subassembly vendor (i.e., CNR manufacturer, motherboard vendor). This is not the codec vendor PCI vendor ID, nor the AC ’97 controller PCI vendor ID. If data is not written by BIOS or other applications, it will return 0xFFFF. PCI Subsystem Device ID Register (Index 0x64, Page 01) Reg Num Name D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Default 0x64 PCI SID PI15 PI14 PI13 PI12 PI11 PI10 PI9 PI8 PI7 PI6 PI5 PI4 PI3 PI2 PI1 PI0 N/A New register added for AC ’97 2.3. PI[15:0] PCI Vendor ID. (Read/write.) This field provides the PCI subsystem ID of the audio or modem subassembly (i.e., CNR model, motherboard SKU). This is not the codec vendor PCI ID, nor the AC ’97 controller PCI ID. Information in this field must be available for AC ’97 controller reads when codec ready is asserted in AC link. If data is not written by BIOS or other applications, it will return 0xFFFF. |