データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1985 データシート(PDF) 13 Page - Analog Devices

部品番号 AD1985
部品情報  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1985 データシート(HTML) 13 Page - Analog Devices

Back Button AD1985 Datasheet HTML 9Page - Analog Devices AD1985 Datasheet HTML 10Page - Analog Devices AD1985 Datasheet HTML 11Page - Analog Devices AD1985 Datasheet HTML 12Page - Analog Devices AD1985 Datasheet HTML 13Page - Analog Devices AD1985 Datasheet HTML 14Page - Analog Devices AD1985 Datasheet HTML 15Page - Analog Devices AD1985 Datasheet HTML 16Page - Analog Devices AD1985 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
AD1985
Rev. A | Page 13 of 48
INDEXED CONTROL REGISTERS
NOTES
Odd register addresses are aliased to the next lower even address.
Registers not shown and bits containing an X are assumed to be reserved.
Reserved registers should not be written. Zeros should be written to reserved bits.
1 For AC ‘97 compatibility, these RM bits must be enabled before they can have any effect.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x00
Reset
X
SE4
SE3
SE2
SE1
SE0
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
0x0090
0x02
Master Volume
MM
X
X
LMV4
LMV3
LMV2
LMV1
LMV0
MMRM1
X
X
RMV4
RMV3
RMV2
RMV1
RMV0
0x8000
0x04
Headphones Volume
HPM
X
X
LHV4
LHV3
LHV2
LHV1
LHV0
HPRM1
X
X
RHV4
RHV3
RHV2
RHV1
RHV0
0x8000
0x06
Mono Volume
MVM
X
X
X
X
X
X
X
X
X
X
MV4
MV2
MV2
MV1
MV0
0x8000
0x0A PC Beep
PCBM
X
X
PCBF7
PCBF6
PCBF5
PCBF4 PCBF3
PCBF2
PCBF1
PCBF0
PCBV3
PCBV2
PCBV1
PCBV0
X
0x8000
0x0C Phone_In Volume
PHM
X
X
X
X
X
X
X
X
X
X
PHV4
PHV3
PHV2
PHV1
PHV0
0x8008
0x0E
MIC Volume
MCM
X
X
X
X
X
X
X
X
M20
X
MCV4
MCV3
MCV2
MCV1
MCV0
0x8008
0x10
Line In Volume
LM
X
X
LLV4
LLV3
LLV2
LLV1
LLV0
LVRM1
X
X
RLV4
RLV3
RLV2
RLV1
RLV0
0x8808
0x12
CD Volume
CM
X
X
LCV4
LCV3
LCV2
LCV1
LCV0
CDRM1
X
X
RCV4
RCV3
RCV2
RCV1
RCV0
0x8808
0x16
AUX In Volume
AM
X
X
LAV4
LAV3
LAV2
LAV1
LAV0
AVRM1
X
X
RAV4
RAV3
RAV2
RAV1
RAV0
0x8808
0x18
PCM Out Vol
OM
X
X
LOV4
LOV3
LOV2
LOV1
LOV0
OMRM1
X
X
ROV4
ROV3
ROV2
ROV1
ROV0
0x8808
0x1A Record Select
X
X
X
X
X
LS2
LS1
LS0
X
X
X
X
X
RS2
RS1
RS0
0x0000
0x1C Record Gain
IM
X
X
X
LIV3
LIV2
LIV1
LIV0
IMRM1
X
X
X
RIV3
RIV2
RIV1
RIV0
0x8000
0x20
General Purpose
X
X
X
X
DRSS1
DRSS0
MIX
MS
LPBK
X
X
X
X
X
X
X
0x0000
0x24
Audio Int. and Paging
I4
I3
I2
I1
I0
X
X
X
X
X
X
X
PG3
PG2
PG1
PG0
0xXXXX
0x26
Power-Down Ctrl/Stat
EAPD
PR6
PR5
PR4
PR3
PR2
PR1
PR0
X
X
X
X
REF
ANL
DAC
ADC
N/A
0x28
Extended Audio ID
AID1
AID0
X
X
REV1
REV0
AMAP
AIDLDAC
AIDSDAC
AIDCDAC DSA1
DSA0
X
AIDSPDIF DRA
AIDVRA
0xXBC7
0x2A Ext’d Audio Stat/Ctrl
VFORCE X
PRK
PRJ
PRI
SPCV
X
ASCLDAC ASCSDAC ASCCDAC SPSA1
SPSA0
X
ASCSPDF ASCDRA ASCVRA 0xXXXX
0x2C PCM Front DAC Rate
SRF15
SRF14
SRF13
SRF12
SRF11
SRF10
SRF9
SRF8
SRF7
SRF6
SRF5
SRF4
SRF3
SRF2
SRF1
SRF0
0xBB80
0x2E
PCM Surr DAC Rate
SRS15
SRS14
SRS13
SRS12
SRS11
SRS10
SRS9
SRS8
SRS7
SRS6
SRS5
SRS4
SRS3
SRS2
SRS1
SRS0
0xBB80
0x30
PCM LFE/C DAC Rate
SRCL15
SRCL14
SRCL13 SRCL12 SRCL11 SRCL10 SRCL9 SRCL8
SRCL7
SRCL6
SRCL5
SRCL4
SRCL3
SRCL2
SRCL1
SRCL0
0xBB80
0x32
PCM L/R ADC Rate
SRA15
SRA14
SRA13
SRA12
SRA11
SRA10
SRA9
SRA8
SRA7
SRA6
SRA5
SRA4
SRA3
SRA2
SRA1
SRA0
0xBB80
0x36
Center/LFE volume
LFEM
X
X
LFE4
LFE3
LFE2
LFE1
LFE0
CNTM
X
X
CNT4
CNT3
CNT2
CNT1
CNT0
0x8080
0x38
Surround Volume
LSM
X
LSR5
LSR4
LSR3
LSR2
LSR1
LSR0
RSM
X
RSR5
RSR4
RSR3
RSR2
RSR1
RSR0
0x8080
0x3A SPDIF Control
V
X
SPSR1
SPSR0
L
CC6
CC5
CC4
CC3
CC2
CC1
CC0
PRE
COPY
AUD
PRO
0x2000
0x60
EQ Control
EQM
X
X
X
X
X
X
X
SYM
CHS
BCA5
BCA4
BCA3
BCA2
BCA1
BCA0
0x8080
0x62
EQ Data
CFD15
CFD14
CFD13
CFD12
CFD11
CFD10
CFD9
CFD8
CFD7
CFD6
CFD5
CFD4
CFD3
CFD2
CFD1
CFD0
0x0000
0x70
J Sense/General
X
X
X
X
X
X
X
X
MMDIS
JS2SEL
X
X
X
X
X
X
N/A
0x72
J Sense/Audio/Status
JS
SPRD
JS1
DMX
JS0
DMX
JS
MT2
JS
MT1
JS
MT0
JS1
EQB
JS0
EQB
JS1
TMR
JS0
TMR
JS1
MD
JS0
MD
JS1
ST
JS0
ST
JS1
INT
JS0
INT
N/A
0x74
Serial Configuration
SLOT16 REGM2
REGM1 REGM0 REGM3 DRF
OMS
CHEN
SPOVR
LBKS1
LBKS0
INTS
CSWP
SPAL
SPDZ
SPLNK
0x1001
0x76
Misc Control Bits
DACZ
AC97NC MSPLT
LODIS
CLDIS
HPSEL
DMIX1 DMIX0
SPRD
2CMIC
LOSEL
SRU
VREFH
VREFD
MBG1
MBG0
0x0000
0x78
Advanced Jack Sense
X
X
X
X
X
X
X
X
JS3TMR
JS2TMR
JS3MD
JS2MD
JS3ST
JS2ST
JS3INT
JS2INT
N/A
0x7C Vendor ID1
VIDF7
VIDF6
VIDF5
VIDF4
VIDF3
VIDF2
VIDF1
VIDF0
VIDS7
VIDS6
VIDS5
VIDS4
VIDS3
VIDS2
VIDS1
VIDS0
0x4144
0x7E
Vendor ID2
VIDT7
VIDT6
VIDT5
VIDT4
VIDT3
VIDT2
VIDT1
VIDT0
VIDREV7
VIDREV6
VIDREV5 VIDREV4 VIDREV3 VIDREV2
VIDREV1 VIDREV0 0x5375
0x60
pg. 1
Codec Class/Rev
X
X
X
CL4
CL3
CL2
CL1
CL0
RV7
RV6
RV5
RV4
RV3
RV2
RV1
RV0
N/A
0x62
pg. 1
PCI SVID
PVI15
PVI14
PVI13
PVI12
PVI11
PVI10
PVI9
PVI8
PVI7
PVI6
PVI5
PVI4
PVI3
PVI2
PVI1
PVI0
N/A
0x64
pg. 1
PCI SID
PI15
PI14
PI13
PI12
PI11
PI10
PI9
PI8
PI7
PI6
PI5
PI4
PI3
PI2
PI1
PI0
N/A
0x66
pg. 1
Function Select
X
X
X
X
X
X
X
X
X
X
X
FC3
FC2
FC1
FC0
T/R
0x0000
0x68
pg. 1
Function Information
G4
G3
G2
G1
G0
INV
DL4
DL3
DL2
DL1
DL0
IV
X
X
X
FIP
N/A
0x6A
pg. 1
Sense Register
ST2
ST1
ST0
S4
S3
S2
S1
S0
OR1
OR0
SR5
SR4
SR3
SR2
SR1
SR0
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48