データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMTR2815S/KR データシート(PDF) 4 Page - Interpoint Corporation Company

部品番号 SMTR2815S/KR
部品情報  SMTR Single and Dual DC-DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERPOINT [Interpoint Corporation Company]
ホームページ  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMTR2815S/KR データシート(HTML) 4 Page - Interpoint Corporation Company

  SMTR2815S/KR Datasheet HTML 1Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MODEl NUMbERINg kEy
SMTR 28 05 D F / K R
Base Model
Input Voltage
Output Voltage
Screening
Radiation Hardness
Assurance (RHA)
Number of Outputs
Case Option
("F" indicates flanged option, non-flanged
case has no designator in this position)
(S=single, D=dual)
SMD NUMbERS
Standard Microcircuit
drawing (SMd)
SMtr SiMilar Part
5962R0150102KXC
SMTR283R3S/KR
5962R9306802KXC
SMTR2805S/KR
5962R9306902KXC
SMTR2812S/KR
5962R9307002KXC
SMTR2815S/KR
5962R9320502KXC
SMTR2805D/KR
5962R9307102KXC
SMTR2812D/KR
5962R9307202KXC
SMTR2815D/KR
To indicate the flanged case option change the “X” to “Z” In the
SMD number. The SMD number shown is for Class K screening,
non-flanged, and radiation hardness assurance (RHA) level R. See
the SMD for the numbers for other screening and radiation levels.
For exact specifications for an SMD product, refer to the SMD
drawing. SMDs can be downloaded from:
http://www.landandmaritime.dla.mil/programs/smcr/
MODEl NUMbER OPTIONS
to deterMine the Model nuMber enter one oPtion froM
each category in the forM below
.
CATEgORy
base Model and
Input Voltage
Output Voltage 1
Number of
Outputs 2
Case Options 3
Screening 4
RHA 5
OPTIONS
SMTR
3R3, 05, 12, 15
S
(non-flanged, leave blank)
O
O
05, 12, 15
D
F (flanged)
H
P
K
L
R
FIll IN FOR
MODEl #
SMTR
__________
__________
_______
/
_______
Notes
1. Output Voltage: An R indicates a decimal point. 3R3 is 3.3 volts out. The 3R3 is only available in single output models.
2. Number of Outputs: S is a single output and D is a dual output
3. Case Options: For the standard case (Figure 23 on page 11) leave the case option blank. For the flanged case option (Figure 24 on page 12), insert the
letter F in the Case Option position.
4. Screening: A screening level of O is a Space Prototype and is only available with RHA O. See Table 9 on page 13 and Table 10 on page 14 for more
information.
5. RHA: Interpoint model numbers use an “O” in the RHA designator position to indicate the “-” (dash) RHA level of MIL-PRF-38534, which is defined as “no RHA.”
RHA O is only available with Screening level O. See Table 10 on page 14 for more information.
Figure 5: moDel numbering Key
table 3: SmD numberS
table 4: moDel number optionS
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 4 of 14
SMTR Single and Dual DC-DC Converters
28 Volt input – 30 Watt
SMTR Rev AC - 2015.10.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14