| データシートサーチシステム |
|
SMTR2815S/KR データシート(PDF) 8 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
SMTR2815S/KR データシート(HTML) 8 Page - Interpoint Corporation Company |
|
8 / 14 page ![]() table 8: electrical characteriSticS: -55°c to +125°c caSe, 28 vin, 100% loaD, Free run, unleSS otherWiSe SpeciFieD. DUAL OUTPUT MODELS SMTR2805D SMTR2812D SMTR2815D PARAMETER CONDITIONS MIN TyP MAX MIN TyP MAX MIN TyP MAX UNITS OUTPUT VOLTAGE + VOUT 4.85 5.00 5.15 11.64 12.00 12.36 14.55 15.00 15.45 V - VOUT 4.82 5.00 5.18 11.58 12.00 12.42 14.47 15.00 15.53 OUTPUT CURRENT 2, 3 EITHER OUTPUT 0 2.5 4.5 1 0 1.25 2.25 1 0 1.00 1.80 1 A VIN = 16 TO 40 V TOTAL OUTPUT — — 5 — — 2.5 — — 2.00 OUTPUT POWER 2, 3 EITHER OUTPUT 0 12.5 22.5 1 0 15 27 1 0 15 27 1 W VIN = 16 to 40 V TOTAL OUTPUT — — 25 — — 30 — — 30 OUTPUT RIPPLE TC = 25°C — 20 50 — 30 120 — 25 80 mV p-p 10 kHz - 2 MHz ± VOUT TC = -55°C TO +125°C — — 90 — — 150 — — 120 LINE REGULATION 4 + VOUT — 0 50 — 0 50 — 0 50 mV VIN = 16 TO 40 V - VOUT — 10 100 — 15 150 — 10 180 LOAD REGULATION + VOUT — 5 50 — 5 50 — — 50 mV NO LOAD TO FULL - VOUT — 15 100 — 30 150 — — 180 CROSS REGULATION SEE NOTE 5 — — 12 — — 8.3 — — 8 % EFFECT ON -VOUT, 25°C SEE NOTE 6 — — 12 — — 8.3 — — 8 INPUT VOLTAGE CONTINUOUS 16 28 40 16 28 40 16 28 40 V NO LOAD TO FULL TRANSIENT 50 ms 1 0 — 50 0 — 50 0 — 50 V INPUT CURRENT NO LOAD — 28 75 – 40 75 — 48 75 mA INHIBITED — — 8 — — 8 — — 8 INPUT RIPPLE CURRENT 7 10 kHz - 10 MHz — 25 50 — 35 50 — 35 50 mA p-p EFFICIENCy TC = 25°C 74 76 — 77 80 — 78 81 — % BALANCED LOAD TC = -55°C TO +125°C 72 — — 75 — — 75 — — LOAD FAULT 8 POWER DISSIPATION — 8 12 — 6 12 — 5 12 W SHORT CIRCUIT RECOVERy 1 — — 5.0 — — 5.0 — — 5.0 ms STEP LOAD RESPONSE 9 TRANSIENT — ±150 ±300 — ±200 ±300 — ±220 ±400 mV pk 50% - 100% - 50% ± VOUT RECOVERy — — 200 — — 200 — — 200 µs STEP LINE RESPONSE 1, 9 TRANSIENT — — ±400 — — ±400 — — ±500 mV pk 16 - 40 -16 V ± VOUT RECOVERy — — 300 — — 300 — — 300 µs START-UP 10 DELAy — — 5 — — 5 — — 5 ms FULL LOAD OVERSHOOT 1 — 0 180 — 0 150 — 0 150 mV pk CAPACITIVE LOAD 1 TC = 25°C NO EFFECT ON DC PERFORMANCE — — 3000 — — 3000 — — 3000 µF Notes 1. Guaranteed by characterization test and/or analysis. Not a production test. 2. The specified max current is available from either output. 3. Up to 90% of the total output current/power is available from either output providing the opposite output is carrying at least 10% of the total output power. 4. Operation is limited below 16 V (see Figure 22 on page 10). 5. Effect on the negative output under the following conditions: +POUT 20% to 80%; –POUT 80% to 20%. 6. Effect on the negative output under the following conditions: +POUT 50%; –POUT 10% to 50%. See Figure 21 on page 10. 7. Tested with 6800 pF ceramic bypass capacitor connected externally from input common to case. 8. Indefinite short circuit protection not guaranteed above 125°C case temperature. 9. Recovery time is measured from application of the transient to point at which VOUT is within 1% of final value. 10. Tested on release from inhibit. Crane Aerospace & Electronics Power Solutions www.craneae.com/interpoint Page 8 of 14 SMTR Single and Dual DC-DC Converters 28 Volt input – 30 Watt SMTR Rev AC - 2015.10.14 |