| データシートサーチシステム |
|
WM8993 データシート(PDF) 52 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8993 データシート(HTML) 52 Page - Wolfson Microelectronics plc |
|
52 / 229 page ![]() WM8993 Production Data w PD, November 2010, Rev 4.0 52 Figure 15 DRC Compression Characteristic The slope of R0 and R1 are determined by register fields DRC_R0_SLOPE_COMP and DRC_R1_SLOPE_COMP respectively. A slope of 1 indicates constant gain in this region. A slope less than 1 represents compression (i.e. a change in input amplitude produces only a smaller change in output amplitude). A slope of 0 indicates that the target output amplitude is the same across a range of input amplitudes; this is infinite compression. The “knee” in Figure 15 is represented by T and Y, which are determined by register fields DRC_THRESH_COMP and DRC_AMP_COMP respectively. Parameter Y0, the output level for a 0dB input, is not specified directly, but can be calculated from the other parameters, using the equation The DRC Compression parameters are defined in Table 20. |