| データシートサーチシステム |
|
WM8993 データシート(PDF) 28 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8993 データシート(HTML) 28 Page - Wolfson Microelectronics plc |
|
28 / 229 page ![]() WM8993 Production Data w PD, November 2010, Rev 4.0 28 SIGNAL TIMING REQUIREMENTS MASTER CLOCK MCLK tMCLKL tMCLKH tMCLKY Figure 2 Master Clock Timing Test Conditions The following timing information is valid across the full range of recommended operating conditions. PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT Master Clock Timing MCLK cycle time TMCLKY (MCLK as input to FLL) 33.33 ns (FLL not used, MCLK_DIV = 1 40 ns (FLL not used, MCLK_DIV = 0 80 ns MCLK duty cycle (= TMCLKH : TMCLKL) 60:40 40:60 |