| データシートサーチシステム |
|
VT82C596B データシート(PDF) 18 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT82C596B データシート(HTML) 18 Page - List of Unclassifed Manufacturers |
|
18 / 96 page ![]() VT82C596B Revision 0.3 June 17, 1999 -12- Pinouts 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW ISA Bus Interface (continued) Signal Name Pin # I/O Signal Description RFSH# W7 IO Refresh. As an output RFSH# indicates when a refresh cycle is in progress. As an input RFSH# is driven by 16-bit ISA Bus masters to indicate refresh cycle. AEN Y4 O Address Enable. AEN is asserted during DMA cycles to prevent I/O slaves from misinterpreting DMA cycles as valid I/O cycles. IRQ0OUT / GPO14 H20 O Multifunction Pin Rx74[7] = 1 Interrupt Request 0 Output. Reflects the state of the internal system timer IRQ0 signal. Rx74[7] = 0 General Purpose Output 14. IRQ1 J20 I Interrupt Request 1. IRQ3 T9 I Interrupt Request 3. IRQ4 W9 I Interrupt Request 4. IRQ5 U8 I Interrupt Request 5. IRQ6 V8 I Interrupt Request 6. IRQ7 Y8 I Interrupt Request 7. IRQ8# / GPI6 Y20 I Multifunction Pin Rx5A[2] = 0 Internal RTC disabled. Interrupt Request 8 from external RTC Rx5A[2] = 1 Internal RTC enabled. General Purpose Input 6. IRQ9 U1 I Interrupt Request 9. IRQ10 U12 I Interrupt Request 10. IRQ11 W13 I Interrupt Request 11. IRQ12 T13 I Interrupt Request 12. IRQ14 V14 I Interrupt Request 14. IRQ15 Y14 I Interrupt Request 15. DRQ7-5, 3-0 U17, U16, Y16, U5, V2, U6, W15 I DMA Request. Used to request DMA services from the internal DMA controller. DACK7-5, 3-0# W17, V16, T15, V5, Y10, W6, U14 O Acknowledge. Used by the internal DMA controller to indicate that a request for DMA service has been granted. TC V10 O Terminal Count. Asserted to DMA slaves as a terminal count indicator. SPKR K17 O Speaker Drive. The output of internal timer/counter 2. |