| データシートサーチシステム |
|
VT82C596 データシート(PDF) 22 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT82C596 データシート(HTML) 22 Page - List of Unclassifed Manufacturers |
|
22 / 96 page ![]() VT82C596B Revision 0.3 June 17, 1999 -16- Pinouts 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW General Purpose Inputs Signal Name Pin # I/O Signal Description GPI0 / IOCHCK# Y1 I General Purpose Input 0. (Rx74[0] = 0) GPI1 / PME# P19 I General Purpose Input 1. GPI2 / REQA# M1 I General Purpose Input 2. (Rx7D[0] = 0) GPI3 / REQB# N2 I General Purpose Input 3. (Rx7D[1] = 0) GPI4 / REQC# P3 I General Purpose Input 4. (Rx7D[2] = 0) GPI5 / APICREQ# K18 I General Purpose Input 5. (Rx74[7] = 0) GPI6 / IRQ8# Y20 I General Purpose Input 6. (Rx5A[2] = 1) GPI7 / SERIRQ J19 I General Purpose Input 7. (Rx68[3] = 0) GPI8 / THRM# H19 I General Purpose Input 8. (Rx74[2] = 1) GPI9 / BATLOW# U19 I General Purpose Input 9. (Rx74[3] = 1) GPI10 / LID P16 I General Purpose Input 10. (Rx74[4] = 1) GPI11 / SMBALRT# N17 I General Purpose Input 11. (Rx74[5] = 1) GPI12 / RI# P18 I General Purpose Input 12. (Rx74[6] = 1) GPI13 / SLPBTN# L2 I General Purpose Input 13. Also functions as the ACPI sleep button if bit-9 of register 0 of ACPI I/O Space (Function 3) is enabled GPI14 J3 I General Purpose Input 14. GPI15 L5 I General Purpose Input 15. GPI16 K3 I General Purpose Input 16. GPI17 K4 I General Purpose Input 17. GPI18 H1 I General Purpose Input 18. GPI19 H4 I General Purpose Input 19. GPI20 / PIRQ0 H5 I General Purpose Input 20. (Rx59[0] = 1) See also Rx55[3:0] GPI21 / PIRQ2 G3 I General Purpose Input 21. (Rx59[2] = 1) See also Rx58[3:0] The underlined name above indicates the default function on power up. |