| データシートサーチシステム |
|
VT82C596 データシート(PDF) 52 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT82C596 データシート(HTML) 52 Page - List of Unclassifed Manufacturers |
|
52 / 96 page ![]() VT82C596B Revision 0.3 June 17, 1999 -46- PCI Function 0 Registers - PCI-to-ISA Bridge 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW Offset 87 – Test 1 ...............................................................RW 7 UltraDMA-66 Test 0 Disable ...................................................default 1Enable 6 USB Port Test 0 Disable ...................................................default 1Enable 5-4 USB Port Test Select 3-0 Reserved ........................................ always reads 0 Offset 88 – Test 2 ...............................................................RW 7-5 Reserved ........................................ always reads 0 4 PLL PU 0 Enable.....................................................default 1 Disable 3 PLL Test Mode 0 Disable ...................................................default 1Enable 2-0 PLL Test Mode Select Offset 89 – PLL Control................................................... RW 7-4 Reserved ........................................ always reads 0 3-2 PLL PCLK Input Delay Select 1-0 PLL CLK66 Feedback Delay Select |