データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3704YCMM-232/NOPB データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3704YCMM-232/NOPB
部品情報  Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3704YCMM-232/NOPB データシート(HTML) 5 Page - Texas Instruments

  LM3704YCMM-232/NOPB Datasheet HTML 1Page - Texas Instruments LM3704YCMM-232/NOPB Datasheet HTML 2Page - Texas Instruments LM3704YCMM-232/NOPB Datasheet HTML 3Page - Texas Instruments LM3704YCMM-232/NOPB Datasheet HTML 4Page - Texas Instruments LM3704YCMM-232/NOPB Datasheet HTML 5Page - Texas Instruments LM3704YCMM-232/NOPB Datasheet HTML 6Page - Texas Instruments LM3704YCMM-232/NOPB Datasheet HTML 7Page - Texas Instruments LM3704YCMM-232/NOPB Datasheet HTML 8Page - Texas Instruments LM3704YCMM-232/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
LM3704
www.ti.com
SNVS088F – MAY 2004 – REVISED APRIL 2016
Product Folder Links: LM3704
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
6.5 Electrical Characteristics
at TJ = 25°C and VCC = 2.2 V to 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
POWER SUPPLY
VCC
Operating voltage
LM3704, TJ = –40°C to 85°C
1
5.5
V
ICC
VCC supply current
All inputs = VCC,
all outputs floating
TJ = 25°C
28
µA
TJ = –40°C to 85°C
50
RESET THRESHOLD
VRST
Reset threshold
VCC falling
TJ = 25°C
–0.5%
VRST
0.5%
TJ = –40°C to 85°C
–2%
2%
TJ = 0°C to 70°C
–1.5%
1.5%
VRSTH
Reset threshold hysteresis
0.0032 × VRST
mV
tRP
Reset time-out period
Reset time-out period =
C
TJ = 25°C
200
ms
TJ = –40°C to 85°C
140
280
tRD
VCC to reset delay
VCC falling at 1 mV/µs
20
µs
RESET
VOL
RESET
VCC > 1.0 V, ISINK = 50 µA,
TJ = –40°C to 85°C
0.3
V
VCC > 1.2 V, ISINK = 100 µA,
TJ = –40°C to 85°C
0.3
VCC > 2.25 V, ISINK = 900 µA,
TJ = –40°C to 85°C
0.3
VCC > 2.7 V, ISINK = 1.2 mA,
TJ = –40°C to 85°C
0.3
VCC > 4.5 V, ISINK = 3.2 mA,
TJ = –40°C to 85°C
0.4
VOH
RESET
VCC > 2.25 V, ISOURCE = 300 µA,
TJ = –40°C to 85°C
0.8 × VCC
V
VCC > 2.7 V, ISOURCE = 500 µA,
TJ = –40°C to 85°C
0.8 × VCC
VCC > 4.5 V, ISOURCE = 800 µA,
TJ = –40°C to 85°C
VCC − 1.5
PFI/MR
VPFT
PFI input threshold
TJ = 25°C
1.225
V
TJ = –40°C to 85°C
1.2
1.25
VMRT
MR Input threshold
TJ = –40°C to 85°C
MR, low
0.8
V
MR, high
2
VPFTH/
VMRTH
PFI/MR threshold
hysteresis
PFI/MR falling, VCC = VRST MAX to 5.5 V
0.0032 × VRST
mV
IPFI
Input current (PFI only)
TJ = –40°C to 85°C
–75
75
nA
RMR
MR pullup resistance
TJ = 25°C
56
k
TJ = –40°C to 85°C
35
75
tMD
MR to reset delay
12
µS
tMR
MR pulse width
TJ = –40°C to 85°C
25
µS
PFO, LLO
VOL
PFO, LLO output low
voltage
VCC > 2.25 V, ISINK = 900 µA,
TJ = –40°C to 85°C
0.3
V
VCC > 2.7 V, ISINK = 1.2 mA,
TJ = –40°C to 85°C
0.3
VCC > 4.5 V, ISINK = 3.2 mA,
TJ = –40°C to 85°C
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com