データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM317S/NOPB データシート(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM317S/NOPB
部品情報  Wide Temperature Three-Pin Adjustable Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB データシート(HTML) 17 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 13Page - Texas Instruments LM317S/NOPB Datasheet HTML 14Page - Texas Instruments LM317S/NOPB Datasheet HTML 15Page - Texas Instruments LM317S/NOPB Datasheet HTML 16Page - Texas Instruments LM317S/NOPB Datasheet HTML 17Page - Texas Instruments LM317S/NOPB Datasheet HTML 18Page - Texas Instruments LM317S/NOPB Datasheet HTML 19Page - Texas Instruments LM317S/NOPB Datasheet HTML 20Page - Texas Instruments LM317S/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
LM117
LM117, LM317-N
www.ti.com
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
Typical Applications (continued)
9.2.3 Slow Turnon 15-V Regulator
An application of LM117 includes a PNP transistor with a capacitor to implement slow turnon functionality (see
Figure 21). As VIN rises, the PNP sinks current from the ADJ rail. The output voltage at start up is the addition of
the 1.25-V reference plus the drop across the base to emitter. While this is happening, the capacitor begins to
charge and eventually opens the PNP. At this point, the device functions normally, regulating the output at 15 V.
A diode is placed between C1 and VOUT to provide a path for the capacitor to discharge. Such controlled turnon
is useful for limiting the in-rush current.
Figure 21. Slow Turnon 15-V Regulator
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM117 LM317-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48