データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM317S/NOPB データシート(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM317S/NOPB
部品情報  Wide Temperature Three-Pin Adjustable Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB データシート(HTML) 31 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 27Page - Texas Instruments LM317S/NOPB Datasheet HTML 28Page - Texas Instruments LM317S/NOPB Datasheet HTML 29Page - Texas Instruments LM317S/NOPB Datasheet HTML 30Page - Texas Instruments LM317S/NOPB Datasheet HTML 31Page - Texas Instruments LM317S/NOPB Datasheet HTML 32Page - Texas Instruments LM317S/NOPB Datasheet HTML 33Page - Texas Instruments LM317S/NOPB Datasheet HTML 34Page - Texas Instruments LM317S/NOPB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
LM117, LM317-N
www.ti.com
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
Thermal Considerations (continued)
Figure 42. Maximum Power Dissipation vs TAMB for the TO-263 Package
11.3.2.3 Heatsinking the TO-252 (NDP) Package
If the maximum allowable value for
θJA is found to be ≥ 54°C/W (typical rated value) for the TO-252 package, no
heatsink is needed because the package alone will dissipate enough heat to satisfy these requirements. If the
calculated value for
θJA falls below these limits, a heatsink is required.
As a design aid, Table 2 shows the value of the
θJA of NDP the package for different heatsink area. The copper
patterns that we used to measure these
θJAs are shown in Figure 47. Figure 43 reflects the same test results as
what are in Table 2.
Figure 44 shows the maximum allowable power dissipation versus ambient temperature for the TO-252 device.
Figure 45 shows the maximum allowable power dissipation versus copper area (in2) for the TO-252 device. See
AN-1028 (SNVA036) for thermal enhancement techniques to be used with SOT-223 and TO-252 packages.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LM117 LM317-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48