| データシートサーチシステム |
|
SN74LS00DBLE データシート(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LS00DBLE データシート(HTML) 9 Page - Texas Instruments |
|
9 / 25 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 24-Apr-2015 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples M38510/30001SDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/30001S DA SN5400J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN5400J SN54LS00J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54LS00J SN54S00J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54S00J SN7400D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 7400 SN7400DG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 7400 SN7400N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN7400N SN7400N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN7400NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN7400N SN74LS00D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS00 SN74LS00DBLE OBSOLETE SSOP DB 14 TBD Call TI Call TI 0 to 70 SN74LS00DBR ACTIVE SSOP DB 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS00 SN74LS00DG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS00 SN74LS00DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS00 SN74LS00DRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS00 SN74LS00J OBSOLETE CDIP J 14 TBD Call TI Call TI 0 to 70 SN74LS00N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS00N SN74LS00NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS00N SN74LS00NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS00 SN74LS00NSRG4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS00 |