| データシートサーチシステム |
|
SN74LS00DBLE データシート(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LS00DBLE データシート(HTML) 10 Page - Texas Instruments |
|
10 / 25 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 24-Apr-2015 Addendum-Page 3 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples SN74LS00PSR ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS00 SN74LS00PSRG4 ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS00 SN74S00D NRND SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 S00 SN74S00DE4 NRND SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 S00 SN74S00N NRND PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74S00N SN74S00N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74S00NE4 NRND PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74S00N SNJ5400J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SNJ5400J SNJ5400W ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 SNJ5400W SNJ5400WA OBSOLETE CFP WA 14 TBD A42 N / A for Pkg Type -55 to 125 SNJ5400WA SNJ54LS00FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 SNJ54LS00FK SNJ54LS00J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SNJ54LS00J SNJ54LS00W ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 SNJ54LS00W SNJ54S00FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 SNJ54S 00FK SNJ54S00J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SNJ54S00J SNJ54S00W ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 SNJ54S00W (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. |