データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN761678B データシート(PDF) 3 Page - Texas Instruments

部品番号 SN761678B
部品情報  TV TUNER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN761678B データシート(HTML) 3 Page - Texas Instruments

  SN761678B Datasheet HTML 1Page - Texas Instruments SN761678B Datasheet HTML 2Page - Texas Instruments SN761678B Datasheet HTML 3Page - Texas Instruments SN761678B Datasheet HTML 4Page - Texas Instruments SN761678B Datasheet HTML 5Page - Texas Instruments SN761678B Datasheet HTML 6Page - Texas Instruments SN761678B Datasheet HTML 7Page - Texas Instruments SN761678B Datasheet HTML 8Page - Texas Instruments SN761678B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
Terminal Functions
18
S0159-01
150kW
50kW
19
S0133-03
SN761678B
TV TUNER IC
SLES185 – JUNE 2006
TERMINAL
DESCRIPTION
SCHEMATIC
NAME
NO.
ADC
19
ADC input
Figure 1
AS
18
Address selection input
Figure 2
BS1
21
Band-switch 1 output (NPN emitter follower)
Figure 4
BS2
22
Band-switch 2 output (NPN emitter follower)
Figure 4
BS3
20
Band-switch 3 output (NPN emitter follower)
Figure 4
BS4
28
Band-switch 4 output (NPN emitter follower)
Figure 4
CP
13
Charge-pump output
Figure 5
IF GND
10
IF ground
IF IN1
23
IF amplifier input 1
Figure 3
IF IN2
24
IF amplifier input 2
Figure 3
IF OUT
12
IF output
Figure 6
MIX OUT1
25
Mixer output 1
Figure 7
MIX OUT2
26
Mixer output 2
Figure 7
OSC GND
3
Oscillator ground
RF GND
27
RF ground
SCL
16
Serial clock input
Figure 8
SDA
17
Serial data input/output
Figure 9
UHF OSC B1
6
UHF oscillator base 1
Figure 10
UHF OSC B2
9
UHF oscillator base 2
Figure 10
UHF OSC C1
7
UHF oscillator collector 1
Figure 10
UHF OSC C2
8
UHF oscillator collector 2
Figure 10
UHF RF IN
30
UHF RF input
Figure 11
VCC
11
Supply voltage for mixer/oscillator/PLL: 5 V
VHF RF IN
29
VHF RF input
Figure 12
VHI OSC B
2
VHF HIGH oscillator base
Figure 13
VHI OSC C
1
VHF HIGH oscillator collector
Figure 13
VLO OSC B
5
VHF LOW oscillator base
Figure 14
VLO OSC C
4
VHF LOW oscillator collector
Figure 14
VTU
14
Tuning voltage amplifier output
Figure 15
XTAL
15
4-MHz crystal oscillator input
Figure 16
Figure 1.
Figure 2.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com