| データシートサーチシステム |
|
SN761678B データシート(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN761678B データシート(HTML) 1 Page - Texas Instruments |
|
1 / 21 page ![]() www.ti.com FEATURES APPLICATIONS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 VHIOSCC VHIOSCB OSCGND VLOOSCC VLOOSCB UHFOSCB1 UHFOSCC1 UHFOSCC2 UHFOSCB2 IFGND VCC IFOUT CP VTU XTAL UHFRFIN VHFRFIN BS4 RFGND MIXOUT2 MIXOUT1 IFIN2 IFIN1 BS2 BS1 BS3 ADC AS SDA SCL DBTPACKAGE (TOP VIEW) P0038-01 DESCRIPTION SN761678B TV TUNER IC SLES185 – JUNE 2006 • Single-Chip Mixer/Oscillator and Phase-Locked Loop (PLL) Synthesizer • Three-Band Local Oscillator • I2C Bus Protocol (Bidirectional Data Transmission) • 30-V Tuning Voltage Output • Four NPN-Type Band-Switch Drivers • Programmable Reference Divider Ratio (512, 640, or 1024) • External 4-Pin Intermediate Frequency (IF) Filter Between Mixer Output and IF Amplifier Input • 5-V Power Supply • 30-Pin Thin Shrink Small-Outline Package (TSSOP) • TVs • VCR/DVD Recorders • Set-Top Boxes The SN761678B is a synthesized tuner IC designed for TV tuning systems. The circuit consists of a phase-locked loop (PLL) synthesizer, three-band local oscillator and mixer, 30-V output tuning amplifier, and four NPN band-switch drivers. The device is available in a small-outline package. A 15-bit programmable counter and reference divider are controlled by I2C bus protocol. Tuning step frequency is selectable by this reference divider ratio for a crystal oscillator. blk blk blk blk blk blk This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2006, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
同様の部品番号 - SN761678B |
|
同様の説明 - SN761678B |
|
|
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |