| データシートサーチシステム |
|
DS16F95E/883 データシート(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DS16F95E/883 データシート(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 14 page ![]() Driver Electrical Characteristics (Notes 3, 4) (Continued) Over recommended supply voltage and operating temperature ranges, unless otherwise specified Symbol Parameter Conditions Min Typ Max Units I CC Supply Current No Load, DE = 2V, RE = 0.8V 28 mA (Total Package) All Inputs Open Outputs Enabled I CCX DE = 0.8V, RE = 2V Outputs Disabled 25 COMMERCIAL Driver Switching Characteristics V CC = 5.0V, TA = 25˚C Symbol Parameter Conditions Min Typ Max Units t DD Differential Output Delay Time R L =60Ω, Figure 3 8.0 15 20 ns t TD Differential Output Transition Time 8.0 15 22 ns t PLH Propagation Delay Time, R L =27Ω, Figure 4 6.0 12 16 ns Low-to-High Level Output t PHL Propagation Delay Time, 6.0 12 16 ns High-to-Low Level Output t ZH Output Enable Time to High Level R L = 110Ω, Figure 5 25 32 ns t ZL Output Enable Time to Low Level R L = 110Ω, Figure 6 25 32 ns t HZ Output Disable Time from High Level R L = 110Ω, Figure 5 20 25 ns t LZ Output Disable Time from Low Level R L = 110Ω, Figure 6 20 25 ns t LZL Output Disable Time from Low Level Load per Figure 5 300 ns with Load Resistor to GND Timing per Figure 6 t SKEW Skew (Pulse Width Distortion) R L =60Ω, Figure 3 1.0 4.0 ns Receiver Electrical Characteristics Over recommended supply voltage and operating temperature ranges, unless otherwise specified Symbol Parameter Conditions Min Typ Max Units V TH Differential Input High V O = 2.7V, IO = −0.4 mA 0.2 V Threshold Voltage V TL Differential Input Low V O = 0.5V, IO = 8.0 mA −0.2 V Threshold Voltage (Note 7) V T+−VT− Hysteresis (Note 8) V CM =0V 35 50 mV V IH Enable Input Voltage HIGH 2.0 V V IL Enable Input Voltage LOW 0.8 V V IC Enable Input Clamp Voltage I I = −18 mA −1.3 V V OH Output Voltage HIGH V ID = 200 mV, 0˚C to +70˚C 2.8 V I OH = −400 µA, Figure 2 −55˚C to +125˚C 2.5 V OL Output Voltage LOW V ID = −200 mV, I OL = 8.0 mA 0.45 V Figure 2 I OL = 16 mA 0.50 I OZ High Impedance State Output V O = 0.4V to 2.4V ±20 µA I I Line Input Current (Note 9) Other Input = 0V V I = +12V 1.0 mA V I = −7.0V 0.8 I IH Enable Input Current HIGH V IH = 2.7V 20 µA I IL Enable Input Current LOW V IL = 0.4V −50 µA R I Input Resistance 14 18 22 k Ω I OS Short Circuit Output Current (Note 9) −15 −85 mA www.national.com 3 |