| データシートサーチシステム |
|
DS16F95E/883 データシート(PDF) 6 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DS16F95E/883 データシート(HTML) 6 Page - National Semiconductor (TI) |
|
6 / 14 page ![]() MIL-STD 883C Driver Switching Characteristics V CC = 5.0V Symbol Parameter Conditions Min Typ T A = 25˚C T A = 125˚C T A = −55˚C Units Max Max Max t DD Differential Output Delay Time R L =60Ω, Figure 3 8.0 15 25 30 30 ns t TD Differential Output Transition Time 8.0 15 25 30 30 ns t PLH Propagation Delay Time, R L =27Ω, Figure 4 6.0 12 18 25 25 ns Low-to-High Level Output t PHL Propagation Delay Time, 6.0 12 18 25 25 ns High-to-Low Level Output t ZH Output Enable Time to High Level R L = 110Ω, Figure 5 25 35 45 45 ns t ZL Output Enable Time to Low Level R L = 110Ω, Figure 6 25 40 50 50 ns t HZ Output Disable Time from High Level R L = 110Ω, Figure 5 20 30 40 40 ns t LZ Output Disable Time from Low Level R L = 110Ω, Figure 6 20 30 40 40 ns t LZL Output Disable Time from Low Load per Figure 5 300 ns Level with Load Resistor to GND Timing per Figure 6 t SKEW Skew (Pulse Width Distortion) R L =60Ω, Figure 3 1.0 6 12 12 ns Receiver Electrical Characteristics Over recommended supply voltage and operating temperature ranges, unless otherwise specified Symbol Parameter Conditions Min Max Units V TH Differential Input High V O = 2.5V, IO = −0.4 mA, VCM = −7V, 0V, +12V 0.2 V Threshold Voltage V CC = 4.5V, 5.5V V TL Differential Input Low V O = 0.5V, IO = 8.0 mA, VCM = −7V, 0V, +12V, −0.2 V Threshold Voltage (Note 7) V CC = 4.5V, 5.5V V T+−VT− Hysteresis (Note 8) V CM = 0V, VCC = 4.5V, 5.5V 35 mV V IH Enable Input Voltage HIGH 2.0 V V IL Enable Input Voltage LOW 0.8 V V IC Enable Input Clamp Voltage I I = −18 mA, VCC = 5.5V −1.3 V V OH Output Voltage HIGH V ID = 200 mV, −55˚C to +125˚C I OH = −400 µA, 2.5 V Figure 2,V CC = 4.5V V OL Output Voltage LOW V ID = −200 mV, I OL = 8.0 mA 0.45 V Figure 2,V CC = 4.5V I OL = 16 mA 0.50 I OZ High Impedance State Output V O = 0.4V, 2.4V ±20 µA I I Line Input Current (Note 9) Other Input = 0V V I = +12V 1.0 V CC = 5.5V or V I = −7.0V −0.8 mA V CC =0V I IH Enable Input Current HIGH V IH = 2.7V 20 µA I IL Enable Input Current LOW V IL = 0.4V −50 µA R I Input Resistance 10 k Ω I OS Short Circuit Output Current V IN = 1V, VOUT = 0.0V (Note 10) −15 −85 mA I CC Supply Current (Total Package) No Load, DE = 2V, RE = 0.8V, Inputs Open 28 mA I CCX No Load, DE = 0.8V, RE = 2.0V, Inputs Open 25 www.national.com 6 |