| データシートサーチシステム |
|
TLV2211CDBVTG4 データシート(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV2211CDBVTG4 データシート(HTML) 18 Page - Texas Instruments |
|
18 / 31 page ![]() TLV2211, TLV2211Y Advanced LinCMOS RAILTORAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006 18 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 25 LARGE-SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION†‡ vs FREE-AIR TEMPERATURE TA − Free-Air Temperature − °C − 50 − 25 0 25 50 75 100 RL = 10 kΩ RL = 1 MΩ 10 3 10 2 10 1 1 VDD = 3 V VIC = 1.5 V VO = 0.5 V to 2.5 V − 75 125 Figure 26 LARGE-SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION†‡ vs FREE-AIR TEMPERATURE TA − Free-Air Temperature − °C 104 103 102 101 1 − 75 − 50 − 25 0 25 50 75 100 125 VDD = 5 V VIC = 2.5 V VO = 1 V to 4 V RL = 1 MΩ RL = 10 kΩ Figure 27 f− Frequency − Hz OUTPUT IMPEDANCE‡ vs FREQUENCY 10 1 10 2 10 3 10 4 AV = 100 AV = 10 AV = 1 VDD = 3 V TA = 25°C 10 3 10 2 101 1 Figure 28 f− Frequency − Hz OUTPUT IMPEDANCE‡ vs FREQUENCY AV = 100 AV = 1 VDD = 5 V TA = 25°C 1 101 102 103 104 AV = 10 10 3 10 2 101 † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. ‡ For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V. |