| データシートサーチシステム |
|
TLV2211CDBVTG4 データシート(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV2211CDBVTG4 データシート(HTML) 19 Page - Texas Instruments |
|
19 / 31 page ![]() SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006 TLV2211, TLV2211Y Advanced LinCMOS RAILTORAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS 19 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 29 f − Frequency − Hz COMMON-MODE REJECTION RATIO† vs FREQUENCY 80 40 20 0 100 60 10 1 10 2 10 3 10 4 10 5 VDD = 5 V VO = 2.5 V VDD = 3 V VO = 1.5 V TA = 25°C Figure 30 COMMON-MODE REJECTION RATIO†‡ vs FREE-AIR TEMPERATURE TA − Free-Air Temperature − °C 82 80 78 86 84 88 VDD = 5 V VDD = 3 V − 50 − 25 0 25 50 75 100 − 75 125 Figure 31 f − Frequency − Hz SUPPLY-VOLTAGE REJECTION RATIO† vs FREQUENCY 60 40 20 100 80 0 −20 kSVR − kSVR + 10 1 10 2 10 3 10 4 10 5 10 6 VDD = 3 V TA = 25°C Figure 32 f − Frequency − Hz SUPPLY-VOLTAGE REJECTION RATIO† vs FREQUENCY 100 80 60 40 20 0 −20 101 10 2 10 3 10 4 10 5 10 6 VDD = 5 V TA = 25°C kSVR − kSVR + ‡ Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. † For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V. |