| データシートサーチシステム |
|
LP8725TLE-A/NOPB データシート(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP8725TLE-A/NOPB データシート(HTML) 18 Page - Texas Instruments |
|
18 / 46 page ![]() LP8725 SNVS618G – DECEMBER 2009 – REVISED MAY 2013 www.ti.com Table 5. LP8725-B Alternative Part's Default Output Voltages(1)(2) Output Max Current (mA) Voltage Range (V) Default output Voltage [V] and default ON/OFF (PWR_ON/EN=1) DEFSEL = VIN1 DEFSEL = GND BUCK1 800 0.8 to 3.0 1.2*/1.2** ON 1.2*/1.2** ON BUCK2 600 0.8 to 3.0 1.8*/1.8** ON 1.8*/1.8** ON LDO1 300 1.2 to 3.3 2.6 ON 1.8 ON LDO2 300 1.2 to 3.3 2.8 OFF 2.8 OFF LDO3 300 1.2 to 3.3 2.8 OFF*** 2.8 OFF*** LDO4 300 1.2 to 3.3 1.2 OFF 1.2 OFF LDO5 300 1.2 to 3.3 1.2 OFF 1.2 OFF LILO1 300 0.8 to 3.3 2.5 OFF 2.5 OFF LILO2 300 0.8 to 3.3 3.3 ON 3.3 ON (1) These are dependent on whether DEFSEL is connected to VIN1 or GND when PWR_ON/EN=1. (2) BUCK1 voltages are set to *BUCK1_V1 and **BUCK1_V2 as selected by DVS1_V and the DVS pin. BUCK2 voltages are set to *BUCK2_V1 and **BUCK2_V2 as selected by DVS2_V. *** Only if pin LDO3_EN=0 Table 6. LP8725-C Alternative Part's Default Output Voltages (1) Output Max Current (mA) Voltage Range (V) Default output Voltage [V] and default ON/OFF (PWR_ON/EN=1) DEFSEL = VIN1 DEFSEL = GND BUCK1 800 0.8 to 3.0 1.2 ON 1.2 ON BUCK2 600 0.8 to 3.0 1.8 ON 1.8 ON LDO1 300 1.2 to 3.3 2.6 ON 2.6 ON LDO2 300 1.2 to 3.3 2.8 ON 2.8 ON LDO3 300 1.2 to 3.3 2.8 ON 2.8 ON LDO4 300 1.2 to 3.3 2.5 ON 2.5 ON LDO5 300 1.2 to 3.3 3.3 ON 3.3 ON LILO1 300 0.8 to 3.3 1.2 ON 1.2 ON LILO2 300 0.8 to 3.3 1.2 ON 1.2 ON (1) These are dependent on whether DEFSEL is connected to VIN1 or GND when PWR_ON/EN=1. 18 Submit Documentation Feedback Copyright © 2009–2013, Texas Instruments Incorporated Product Folder Links: LP8725 |