データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VT2N3 データシート(PDF) 2 Page - PerkinElmer Optoelectronics

部品番号 VT2N3
部品情報  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PERKINELMER [PerkinElmer Optoelectronics]
ホームページ  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT2N3 データシート(HTML) 2 Page - PerkinElmer Optoelectronics

  VT2N3 Datasheet HTML 1Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 2Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 3Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 4Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 5Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 6Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 7Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 8Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 9Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
Optoswitches, optical hybrids, custom assemblies, photodiodes, phototransistors, IR
emitters, and photoconductive cells for industrial, commercial, and consumer electron-
ics applications.
PerkinElmer Optoelectronics has the distinction of being one of the foremost manufacturers in
optoelectronics. Founded in 1947, PerkinElmer offers its customers over 35 years experience
in the development and application of optoelectronic devices. The product line is one of the
broadest in the industry, including a variety of standard catalog products as well as custom
design and manufacturing capabilities. Approximately 75% of the products shipped are cus-
tom designed and tested to serve the needs of specific OEM applications.
Three basic objectives guide PerkinElmer’s activities - Service, Quality, and Technology.
Our outstanding engineering staff, coupled with the implementation of modern material control
and manufacturing techniques, plus our commitment to quality, has gained PerkinElmer “certi-
fied” status with many major customers. Products are often shipped directly to manufacturing
lines without need for incoming QC at the customer’s facility. PerkinElmer’s products are verti-
cally integrated, from the growing of LED crystals, silicon die fabrication, package design, reli-
ability qualification, to assembly. Vertical integration is your assurance of consistent quality.
Recognizing the need for low-cost manufacturing to serve world markets, PerkinElmer
expanded its manufacturing/assembly operations into the Far East more than 20 years ago.
The combination of strong technology in processing at the St. Louis headquarters and low-
cost assembly operations in the Far East has allowed PerkinElmer to effectively serve all
markets, worldwide. PerkinElmer provides optical sensors, IR emitters and subassemblies for
such diverse applications as street light controls, cameras, smoke alarms, business
machines, automotive sensors, and medical equipment.
For pricing, delivery, data sheets, samples, or technical support please contact your
PerkinElmer Sales Office or direct your questions directly to the factory.
PerkinElmer Optoelectronics
10900 Page Avenue
St. Louis, Missouri 63132 USA
Tel: (314) 423-4900 Fax: (314) 423-3956
Copyright 2001 by
PerkinElmer Optoelectronics
All rights reserved
www.perkinelmer.com/opto
..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76