データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VT2N3 データシート(PDF) 14 Page - PerkinElmer Optoelectronics

部品番号 VT2N3
部品情報  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PERKINELMER [PerkinElmer Optoelectronics]
ホームページ  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT2N3 データシート(HTML) 14 Page - PerkinElmer Optoelectronics

Back Button VT2N3 Datasheet HTML 10Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 11Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 12Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 13Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 14Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 15Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 16Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 17Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 18Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
9
Photoconductive Cell Typical Characteristic Curves
@ 25°C Type Ø Material
Type Ø Material
This is a general purpose material. Its characteristics include a good temperature coefficient and fast response time, especially at very
low light levels. Cells of this type have relatively low dark history. Type Ø material is often used in lighting controls such as nightlights,
and security lighting.
The resistance for any standard catalog cell is controlled at only one light level. If the resistance at other light levels is a concern,
please contact the factory.
To obtain the typical resistance versus illumination characteristic
for a specific part number:
1. Look up 2 footcandle resistance in table.
2. Insert resistance given and draw a curve through that point
and parallel to the closest member of the family of curves
shown for the appropriate type of photo-sensitive material.
Resistance vs. Illumination
Response Time vs. Illumination
(Rise Time)
Response Time vs. Illumination
(Decay Time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76