データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ABBTM-NVC-MDCS56 データシート(PDF) 8 Page - Abracon Corporation

部品番号 ABBTM-NVC-MDCS56
部品情報  Bluetooth Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ABRACON [Abracon Corporation]
ホームページ  https://abracon.com
Logo ABRACON - Abracon Corporation

ABBTM-NVC-MDCS56 データシート(HTML) 8 Page - Abracon Corporation

Back Button ABBTM-NVC-MDCS56 Datasheet HTML 4Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 5Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 6Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 7Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 8Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 9Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 10Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 11Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 12Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Bluetooth Module
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
| | | | | | | | | | | | | | |
Pb RoHS/RoHS II compliant
Resistive
16
OC
Revised: 08.14.13
ABBTM-NVC-MDCS56
23.24 x 11.93 x 2.05 mm SMT
Digital Audio Interface (I2S)
The digital audio interface supports the industry standard formats for I2S, left-justified or right-justified. The interface
shares the same pins of the PCM interface as Table 11.
The I2S interface can be enabled by using ACCI commands. The module is an I2S slave device with the default firmware.
Please contact Abracon for special firmware when using the module as an I2S master.
The I2S support following formats:
Figure 3. Digital Audio Interface Modes
Symbol
Parameter
Min
Typ
Max
Unit
SCK Frequency
6.2
MHz
WS Frequency
96
kHz
tch
SCK high time
80
ns
tcl
SCK low time
80
ns
topd
SCK to SC_OUT delay
20
ns
tssu
WS to SCK setup time
20
ns
tsh
WS to SCK hold time
20
ns
tisu
SD_IN to SCK setup time
20
ns
tih
SD_IN to SCK hodl time
20
ns
Table 2. Digital Audio Interface Slave Timing
Figure 4. Digital Audio Interface Slave Timing
Symbol
Parameter
Min
Typ
Max
Unit
SCK Frequency
6.2
MHz
WS Frequency
96
kHz
topd
SCK to SC_OUT delay
20
ns
tspd
SCK to WS delay
20
ns
tisu
SD_IN to SCK setup time
20
ns
tih
SD_IN to SCK hodl time
10
ns
Table 3. Digital Audio Interface Master Timing
Figure 5. Digital Audio Interface Master Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com