| データシートサーチシステム |
|
TMS320DM814x データシート(PDF) 350 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x データシート(HTML) 350 Page - Texas Instruments |
|
350 / 376 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com 8.18.2.5 Coupling Capacitors AC coupling capacitors are required on the receive data pair. Table 8-103 shows the requirements for these capacitors. Table 8-103. SATA AC Coupling Capacitors Requirements PARAMETER MIN TYP MAX UNIT SATA AC coupling capacitor value 1 10 12 nF SATA AC coupling capacitor package size(1) 0402 0603 EIA(2) (1) The physical size of the capacitor should be as small as practical. Use the same size on both lines in each pair, placed side by side. (2) EIA LxW units; that is, a 0402 is a 40 x 20 mil surface-mount capacitor. 350 Peripheral Information and Timings Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |