| データシートサーチシステム |
|
TMS320DM814x データシート(PDF) 352 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x データシート(HTML) 352 Page - Texas Instruments |
|
352 / 376 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com Table 8-104. SPI Registers (continued) HEX ADDRESS RANGE ACRONYM REGISTER NAME SPI0 SPI1 SPI2 SPI3 0x4803 013C 0x481A 013C 0x481A 213C 0x481A 413C MCSPI_RX0 CHANNEL 0 RECEIVER 0x4803 0140 0x481A 0140 0x481A 2140 0x481A 4140 MCSPI_CH1CONF CHANNEL 1 CONFIGURATION 0x4803 0144 0x481A 0144 0x481A 2144 0x481A 4144 MCSPI_CH1STAT CHANNEL 1 STATUS 0x4803 0148 0x481A 0148 0x481A 2148 0x481A 4148 MCSPI_CH1CTRL CHANNEL 1 CONTROL 0x4803 014C 0x481A 014C 0x481A 214C 0x481A 414C MCSPI_TX1 CHANNEL 1 TRANSMITTER 0x4803 0150 0x481A 0150 0x481A 2150 0x481A 4150 MCSPI_RX1 CHANNEL 1 RECEIVER 0x4803 0154 0x481A 0154 0x481A 2154 0x481A 4154 MCSPI_CH2CONF CHANNEL 2 CONFIGURATION 0x4803 0158 0x481A 0158 0x481A 2158 0x481A 4158 MCSPI_CH2STAT CHANNEL 2 STATUS 0x4803 015C 0x481A 015C 0x481A 215C 0x481A 415C MCSPI_CH2CTRL CHANNEL 2 CONTROL 0x4803 0160 0x481A 0160 0x481A 2160 0x481A 4160 MCSPI_TX2 CHANNEL 2 TRANSMITTER 0x4803 0164 0x481A 0164 0x481A 2164 0x481A 4164 MCSPI_RX2 CHANNEL 2 RECEIVER 0x4803 0168 0x481A 0168 0x481A 2168 0x481A 4168 MCSPI_CH3CONF CHANNEL 3 CONFIGURATION 0x4803 016C 0x481A 016C 0x481A 216C 0x481A 416C MCSPI_CH3STAT CHANNEL 3 STATUS 0x4803 0170 0x481A 0170 0x481A 2170 0x481A 4170 MCSPI_CH3CTRL CHANNEL 3 CONTROL 0x4803 0174 0x481A 0174 0x481A 2174 0x481A 4174 MCSPI_TX3 CHANNEL 3 TRANSMITTER 0x4803 0178 0x481A 0178 0x481A 2178 0x481A 4178 MCSPI_RX3 CHANNEL 3 RECEIVER 0x4803 017C 0x481A 017C 0x481A 217C 0x481A 417C MCSPI_XFERLEV TRANSFER LEVELS EL 0x4803 0180 0x481A 0180 0x481A 2180 0x481A 4180 MCSPI_DAFTX DMA ADDRESS ALIGNED FIFO TRANSMITTER 0x4803 0184 - 0x481A 0184 - 0x481A 2184 - 0x481A 4184 - - RESERVED 0x4803 019C 0x481A 019C 0x481A 219C 0x481A 419C 0x4803 01A0 0x481A 01A0 0x481A 21A0 0x481A 41A0 MCSPI_DAFRX DMA ADDRESS ALIGNED FIFO RECEIVER 0x4803 01A4 - 0x481A 01A4 - 0x481A 21A4 - 0x481A 41A4 - - RESERVED 0x4803 01FF 0x481A 01FF 0x481A 21FF 0x481A 41FF 352 Peripheral Information and Timings Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |