| データシートサーチシステム |
|
MCP16301HT-E/CH データシート(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP16301HT-E/CH データシート(HTML) 29 Page - Microchip Technology |
|
29 / 40 page ![]() 2011-2015 Microchip Technology Inc. DS20005004D-page 29 MCP16301/H 7.0 PACKAGING INFORMATION 7.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 6-Lead SOT-23 Example HT25 Part Number Code MCP16301T-I/CHY HTNN MCP16301T-E/CH JYNN MCP16301HT-E/CH AAANY MCP16301HT-I/CH AAAPY |