| データシートサーチシステム |
|
MCP16301HT-E/CH データシート(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP16301HT-E/CH データシート(HTML) 37 Page - Microchip Technology |
|
37 / 40 page ![]() 2011-2015 Microchip Technology Inc. DS20005004D-page 37 MCP16301/H PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Examples: a) MCP16301T-I/CHY: Step-Down Regulator, Tape and Reel, Industrial Temperature, 6LD SOT-23 package b) MCP16301T-E/CH: Step-Down Regulator, Tape and Reel, Extended Temperature, 6LD SOT-23 package c) MCP16301HT-E/CH: Step-Down Regulator, Tape and Reel, Extended Temperature, 6LD SOT-23 package PART NO. -X /XXX Package Temperature Range Device Device: MCP16301T: High-Voltage Step-Down Regulator, Tape and Reel MCP16301HT: High-Voltage Step-Down Regulator, Tape and Reel Temperature Range: E= -40 C to +125C (Extended) I= -40 C to +85C (Industrial) Package: CH = Plastic Small Outline Transistor (SOT-23), 6-lead CHY*= Plastic Small Outline Transistor (SOT-23), 6-lead *Y = Nickel palladium gold manufacturing designator. X Tape and Reel |