| データシートサーチシステム |
|
HCS500T-I/ST データシート(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS500T-I/ST データシート(HTML) 31 Page - Microchip Technology |
|
31 / 42 page ![]() 2001-2015 Microchip Technology Inc. DS40000153E-page 31 HCS500 10.0 PACKAGING INFORMATION 10.1 Package Marking Information 8-Lead PDIP (300 mil) Example XXXXXXXX XXXXXNNN YYWW HCS500 XXXXXNNN 0025 8-Lead SOIJ (5.28 mm) Example HCS500 XXX0025 NNN Legend: XX...X Customer specific information* Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. |