| データシートサーチシステム |
|
EMC2103 データシート(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
EMC2103 データシート(HTML) 30 Page - Microchip Technology |
|
30 / 85 page ![]() RPM-Based Fan Controller with Hardware Thermal Shutdown Datasheet 2013 Microchip Technology Inc. DS0005250A-page 30 5.5.1 Programming the RPM Based Fan Speed Control Algorithm The RPM based Fan Speed Control Algorithm powers-up disabled. The following registers control the algorithm. The EMC2103 fan control registers are pre-loaded with defaults that will work for a wide variety of fans so only the TACH Target Register is required to set a fan speed. The other fan control registers can be used to fine-tune the algorithm behavior based on application requirements. Note that steps 1 - 7 are optional and need only be performed if the default settings do not provide the desired fan response. 1. Set the Valid TACH Count Register to maximum number of tach counts to indicate the fan is spinning. 2. Set the Spin Up Configuration Register to the Spin Up Level and Spin Time desired. 3. Set the Fan Step Register to the desired step size. Figure 5.4 RPM based Fan Speed Control Algorithm |