| データシートサーチシステム |
|
EMC2103 データシート(PDF) 72 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
EMC2103 データシート(HTML) 72 Page - Microchip Technology |
|
72 / 85 page ![]() RPM-Based Fan Controller with Hardware Thermal Shutdown Datasheet DS0005250A-page 72 2013 Microchip Technology Inc. The Manufacturer ID Register contains an 8-bit word that identifies Microchip. 6.44 Revision Register The Revision Register contains an 8-bit word that identifies the die revision. ‘0’ - The lower 3 bits are writable for a range of 1.0053 to 1.0146 ‘1’ - The lower 4 bits are writable for a range of 1.0053 to 1.0253 DBh - IDCF Trim Register - sets the default value for the IDCF1 Register. Table 6.62 Revision Register ADDR R/W REGISTER B7 B6 B5 B4 B3 B2 B1 B0 DEFAULT FFh R Revision 0 0 0 0 0 0 0 1 01h |