| データシートサーチシステム |
|
MCP102-195E/TO データシート(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP102-195E/TO データシート(HTML) 6 Page - Microchip Technology |
|
6 / 28 page ![]() MCP102/103/121/131 DS20001906D-page 6 2004-2014 Microchip Technology Inc. 2.0 TYPICAL PERFORMANCE CURVES Note: Unless otherwise indicated, all limits are specified for: VDD = 1V to 5.5V, RPU =100 k (MCP121 only; see Figure 4-1), TA = -40°C to +125°C. FIGURE 2-1: IDD vs. Temperature (Reset Power-up Timer Inactive) (MCP102-195). FIGURE 2-2: IDD vs. Temperature (Reset Power-up Timer Inactive) (MCP131-315). FIGURE 2-3: IDD vs. Temperature (Reset Power-up Timer Inactive) (MCP121-450). FIGURE 2-4: IDD vs. Temperature (Reset Power-up Timer Active) (MCP102-195). FIGURE 2-5: IDD vs. Temperature (Reset Power-up Timer Active) (MCP131-315). FIGURE 2-6: IDD vs. Temperature (Reset Power-up Timer Active) (MCP121-450). Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 Temperature (°C) 1.7V 1.0V 2.1V 2.8V 4.0V 5.0V 5.5V MCP102-195 0 5 10 15 20 25 30 35 Temperature (°C) 1.0V 2.9V MCP131-315 3.3V 5.5V 5.0V 4.0V 4.5V 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 Temperature (°C) 3.0V 1.0V 4.6V 4.1V 5.0V 5.5V MCP121-450 4.8V 0 2 4 6 8 10 12 14 16 Temperature (°C) 2.1V 2.8V 4.0V 5.0V 5.5V MCP102-195 0 10 20 30 40 50 60 70 80 Temperature (°C) 3.3V 4.0V 4.5V 5.0V MCP131-315 5.5V 0 2 4 6 8 10 12 14 16 Temperature (°C) 4.6V 5.0V 5.5V MCP121-450 4.8V |