| データシートサーチシステム |
|
MCP102-195E/TO データシート(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP102-195E/TO データシート(HTML) 7 Page - Microchip Technology |
|
7 / 28 page ![]() 2004-2014 Microchip Technology Inc. DS20001906D-page 7 MCP102/103/121/131 Note: Unless otherwise indicated, all limits are specified for: VDD = 1V to 5.5V, RPU =100 k (MCP121 only; see Figure 4-1), TA = -40°C to +125°C. FIGURE 2-7: IDD vs. VDD (Reset Power-up Timer Inactive) (MCP102-195). FIGURE 2-8: IDD vs. VDD (Reset Power-up Timer Inactive) (MCP131-315). FIGURE 2-9: IDD vs. VDD (Reset Power-up Timer Inactive) (MCP121-450). FIGURE 2-10: IDD vs.VDD (Reset Power-up Timer Active) (MCP102-195). FIGURE 2-11: IDD vs.VDD (Reset Power-up Timer Active) (MCP131-315). FIGURE 2-12: IDD vs.VDD (Reset Power-up Timer Active) (MCP121-450). 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 1.0 2.0 3.0 4.0 5.0 6.0 V DD (V) -40°C +25°C +85°C +125°C MCP102-195 0°C +70°C -5 0 5 10 15 20 25 30 35 1.0 2.0 3.0 4.0 5.0 6.0 V DD (V) MCP131-315 -40°C +85°C +125°C 0°C +70°C +25°C 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 2.0 3.0 4.0 5.0 6.0 V DD (V) MCP121-450 -40°C +25°C +85°C +125°C 0°C +70°C 0 2 4 6 8 10 12 14 16 1.0 2.0 3.0 4.0 5.0 6.0 V DD (V) 0°C -40°C MCP102-195 Device in Reset t RPU inactive +125°C +85°C +70°C +25°C 0 10 20 30 40 50 60 70 80 1.0 2.0 3.0 4.0 5.0 6.0 V DD (V) MCP131-315 -40°C +25°C +85°C +125°C +70°C Device in Reset t RPU inactive 0°C -2 0 2 4 6 8 10 12 14 16 1.0 2.0 3.0 4.0 5.0 6.0 V DD (V) MCP121-450 -40°C +25°C +85°C +125°C 0°C +70°C Device in Reset t RPU inactive |