| データシートサーチシステム |
|
VT8231 データシート(PDF) 55 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT8231 データシート(HTML) 55 Page - List of Unclassifed Manufacturers |
|
55 / 132 page ![]() VT8231 Preliminary Revision 0.8 October 29, 1999 -49- Register Descriptions - Super-I/O I/O Ports 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW Index F6 – Floppy Controller Configuration..................RW 7-6 Reserved ........................................ always reads 0 5 Floppy Drive On Parallel Port 0 Parallel Port (SPP) Mode .......................default 1 FDC Mode This bit is used in notebook applications to allow attachment of an external floppy drive using the parallel port I/O connector: SPP Mode Pin Type FDC Mode Pin Type STROBE# I/O - n/a PD0 I/O INDEX# I PD1 I/O TRK00# I PD2 I/O WRTPRT# I PD3 I/O RDATA# I PD4 I/O DSKCHG# I PD5 I/O - n/a PD6 I/O - n/a PD7 I/O - n/a ACK# I DS1# O BUSY I MTR1# O PE I WDATA# O SLCT I WGATE# O AUTOFD# I/O DRVEN0 O ERROR# I HDSEL# O PINIT# I/O DIR# O SLCTIN# I/O STEP# O 43-Mode FDD 0 Disable ...................................................default 1Enable 3 Reserved ........................................ always reads 0 2 Four Floppy Drive Option 0 Internal 2-Drive Decoder .......................default 1 External 4-Drive Decoder 1 FDC DMA Non-Burst 0 Burst .....................................................default 1Non-Burst 0 FDC Swap 0 Disable ...................................................default 1Enable Index F8 – Floppy Drive Control .................................... RW 7-6 Floppy Drive 3 (see table below) 5-4 Floppy Drive 2 (see table below) 3-2 Floppy Drive 1 (see table below) 1-0 Floppy Drive 0 (see table below) DRVEN1 DRVEN0 00 DRATE0 DENSEL 01 DRATE0 DRATE1 10 DRATE0 DENSEL# 11 DRATE1 DRATE0 |