| データシートサーチシステム |
|
VT8231 データシート(PDF) 67 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT8231 データシート(HTML) 67 Page - List of Unclassifed Manufacturers |
|
67 / 132 page ![]() VT8231 Preliminary Revision 0.8 October 29, 1999 -61- Function 0 Registers - PCI to ISA Bridge 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW Plug and Play Control Offset 50 – PNP DMA Request Control ..........................RW 7-4 Reserved .............................................. default = 0 3-2 PnP Routing for Parallel Port DRQ..... def = DRQ3 1-0 PnP Routing for Floppy DRQ............... def = DRQ2 DRQ Mapping: 00=DRQ0, 01=DRQ1, 10=DRQ2, 11=DRQ3 Offset 51 - PNP IRQ Routing 1 ........................................RW 7-4 PnP Routing for Parallel Port IRQ (see PnP IRQ routing table) 3-0 PnP Routing for Floppy IRQ (see PnP IRQ routing table) Offset 52 - PNP IRQ Routing 2 ........................................RW 7-4 PnP Routing for Serial Port 2 IRQ (see PnP IRQ routing table) 3-0 PnP Routing for Serial Port 1 IRQ (see PnP IRQ routing table) Offset 54 - PCI IRQ Edge / Level Select..........................RW 7-4 Reserved ........................................ always reads 0 The following bits all default to “level” triggered (0) 3 PIRQA# Invert (edge) / Non-invert (level).......(1/0) 2 PIRQB# Invert (edge) / Non-invert (level).......(1/0) 1 PIRQC# Invert (edge) / Non-invert (level).......(1/0) 0 PIRQD# Invert (edge) / Non-invert (level).......(1/0) Note: PIRQA-D# normally connect to PCI interrupt pins INTA-D# (see pin definitions for more information). Offset 55 - PNP IRQ Routing 4 ........................................RW 7-4 PIRQA# Routing (see PnP IRQ routing table) 3-0 Reserved ........................................ always reads 0 Offset 56 - PNP IRQ Routing 5 ........................................RW 7-4 PIRQC# Routing (see PnP IRQ routing table) 3-0 PIRQB# Routing (see PnP IRQ routing table) Offset 57 - PNP IRQ Routing 6 ........................................RW 7-4 PIRQD# Routing (see PnP IRQ routing table) 3-0 Reserved ........................................ always reads 0 PnP IRQ Routing Table 0000 Disabled ................................................. default 0001 IRQ1 0010 Reserved 0011 IRQ3 0100 IRQ4 0101 IRQ5 0110 IRQ6 0111 IRQ7 1000 Reserved 1001 IRQ9 1010 IRQ10 1011 IRQ11 1100 IRQ12 1101 Reserved 1110 IRQ14 1111 IRQ15 |