| データシートサーチシステム |
|
DLCAP データシート(PDF) 1 Page - United Chemi-Con, Inc. |
|
|
|||||||||||||||||||||||||||||
DLCAP データシート(HTML) 1 Page - United Chemi-Con, Inc. |
|
1 / 2 page ![]() Press Release Nippon Chemi-Con Corporation September 6, 2013 Nippon Chemi-Con to Increase Production of Low- Resistance Electric Double Layer Capacitors DLCAP™ for Passenger Vehicles Nippon Chemi-Con Corporation will increase production of low-resistance electric double layer capacitors (EDLC), DLCAP™, developed for use in vehicles such as capturing kinetic energy and storing as electricity in regenerative braking energy systems. First adopted by Mazda Motor Corporation (Mazda) last year, low-resistance EDLC has been adopted by another automaker this summer. Nippon Chemi-Con expects sales of “DLCAP™” for this fiscal year to be 4 billion yen, about a tenfold increase compared to two years ago when the supply to automakers was yet to start. The EDLC for use in vehicles, developed with Nippon Chemi-Con’s unique technology, features significantly reduced internal resistance. To lower internal resistance, methyl cyanide (acetonitrile) is commonly used as a solvent for electrolyte; however, acetonitrile is highly toxic and is designated as a poisonous substance under Japanese law. As environmental regulations are expected to be further strengthened in most countries, Nippon Chemi-Con uses the very safe “propylene carbonate”, not acetonitrile, with the view of long-term use of EDLC. Through extensive structural design research, Nippon Chemi-Con developed the EDLC, using the very safe propylene carbonate, which features less than half of the internal resistance compared to the previous series. Our newest product (EDLC) also has a broader operating temperature range, from -40 to +70 degrees Celsius (from -25 to +60 degrees Celsius for the previous series), allowing them to be ideally suited for use in automotive applications. Superior heat resistance allows them to be placed within the engine compartment and improved low-temperature properties allow them to deliver high performance in cold climates. After being adopted by Mazda, Nippon Chemi-Con has extended the product line of low-resistance EDLC for automotive use. The product line has become a standard series which we named “DXE” and started being supplied to a new-model vehicle launched by another automaker this September. This new-model vehicle features idling stop system which improves fuel economy and a regenerative braking energy system in which EDLC has been adopted to store electricity. When the vehicle decelerates, electricity generated by the EDLC for use in vehicles “DXE series” |
同様の部品番号 - DLCAP |
|
同様の説明 - DLCAP |