データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DLCAP データシート(PDF) 2 Page - United Chemi-Con, Inc.

部品番号 DLCAP
部品情報  Nippon Chemi-Con to Increase Production of Low- Resistance Electric Double Layer Capacitors DLCAP??for Passenger Vehicles
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHEMI-CON [United Chemi-Con, Inc.]
ホームページ  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

DLCAP データシート(HTML) 2 Page - United Chemi-Con, Inc.

  DLCAP Datasheet HTML 1Page - United Chemi-Con, Inc. DLCAP Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
alternator is transferred to the EDLC for storage. By distributing the electricity stored in
EDLC to the vehicle’s electrical components when the vehicle is in the idling stop mode, the
system reduces the need for the engine to burn extra fuel to generate electricity, thereby
improving fuel economy.
The electricity to start an engine will also be supplied from EDLC. This is the first
time in the world that a system to start an engine only using electricity stored in EDLC, has
been adopted in a mass-produced vehicle. By using EDLC instead of a lead-acid battery for
frequent engine starting, the load on the vehicles lead-acid battery will also be reduced and
the life-span of the battery is expected to be prolonged.
EDLC for use in vehicles
have been produced at Chemi-Con
Yamagata Corporation (Nagai City,
Yamagata Prefecture, Japan: 100%
owned
subsidiary
of
Nippon
Chemi-Con) and EDLC modules
have
been
assembled
at
Chemi-Con Nagaoka Corporation
(Nagaoka City, Niigata Prefecture,
Japan: 100% owned subsidiary of
Nippon Chemi-Con).
By also strengthening sales to existing markets such as industrial machinery and UPS
(Uninterruptable Power Supply), Nippon Chemi-Con intends to achieve DLCAP™ sales goal
of 4 billion yen for this fiscal year. Demand for EDLC is expected to increase in industrial
equipment and renewable energy markets as well. Nippon Chemi-Con aims to boost sales of
DLCAP™ to 10 billion yen by the end of fiscal year 2015.
EDLC cell and Module
Block diagram of Capacitor power idling stop system
(Converting the vehicle’s kinetic energy into electricity)



Html Pages

1 2