| データシートサーチシステム |
|
TMS320VC5502 データシート(PDF) 54 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5502 データシート(HTML) 54 Page - Texas Instruments |
|
54 / 189 page ![]() www.ti.com 3.10 System Clock Generator 1 0 OSC X2/CLKIN X1 /1,/2,...,/32 x2, x3, ...,x15 PLL 1 0 Divider D1 SYSCLK1 (Fast Peripherals) SYSCLK2 (Slow Peripherals) (EMIF Internal Clock) SYSCLK3 CLKOSEL (CLKOUTSR[2:1]) CLKOUTDIS (CLKOUTSR[0]) CLKOUT CLKMD (CLKMD[0]) GPIO4 at Reset = 0 −> CLKMD[0] = 0 GPIO4 at Reset = 1 −> CLKMD[0] = 1 1 0 /1,/2,/4 EMIF ECLKOUT1 ECLKOUT2 ECLKIN EMIFCLKS PLLREF GPIO4 at Reset 55x Core CK3SEL (CK3SEL[3:0]) OSCOUT PLLEN (PLLCSR[0]) Clock Generator ENA PWRDN Divider D0 D0EN (PLLDIV0[15]) OSCPWRDN (PLLCSR[2]) ENA PLLOUT D1EN (PLLDIV1[15]) Divider D2 ENA D2EN (PLLDIV2[15]) Divider D3 ENA D3EN (PLLDIV3[15]) CLKOUT3 (DSP Core Clock) /1,/2,/4 /1,/2,/4 /1,/2,/4 /1,/2,...,/32 ENA Divider OD1 OD1EN (OSCDIV1[15]) TMS320VC5502 Fixed-Point Digital Signal Processor SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004 The TMS320VC5502 includes a flexible clock generator module consisting of a PLL and oscillator, with several dividers so that different clocks may be generated for different parts of the system (i.e., 55x core, Fast Peripherals, Slow Peripherals, External Memory Interface). Figure 3-12 provides an overview of the system clock generator included in the 5502. Figure 3-12. System Clock Generator 54 Functional Overview |