データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMS320VC5502 データシート(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMS320VC5502
部品情報  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 データシート(HTML) 65 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 61Page - Texas Instruments TMS320VC5502 Datasheet HTML 62Page - Texas Instruments TMS320VC5502 Datasheet HTML 63Page - Texas Instruments TMS320VC5502 Datasheet HTML 64Page - Texas Instruments TMS320VC5502 Datasheet HTML 65Page - Texas Instruments TMS320VC5502 Datasheet HTML 66Page - Texas Instruments TMS320VC5502 Datasheet HTML 67Page - Texas Instruments TMS320VC5502 Datasheet HTML 68Page - Texas Instruments TMS320VC5502 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
3.10.5.4
PLL Divider1 Register (PLLDIV1) for SYSCLK1
This register controls the value of the divider D1 for SYSCLK1. It is in both the BYPASS and PLL paths.
15
14
8
D1EN
Reserved
R/W, 1
R, 0000000
7
5
4
0
Reserved
PLLDIV1
R, 000
R/W, 00011
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-18. PLL Divider 1 Register Layout (0x1C8C)
Table 3-16. PLL Divider 1 Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
D1EN
15
R/W
1
Divider D1 enable
•
D1EN = 0: Divider 1 disabled
•
D1EN = 1: Divider 1 enabled
Reserved
14:5
R
0000000000
Reserved. Reads return 0. Writes have no effect.
PLLDIV1
4:0
R/W
00011
Divider D1 ratio (SYSCLK1 divider)
•
PLLDIV1 = 00000: Divide by 1
•
PLLDIV1 = 00001: Divide by 2
•
PLLDIV1 = 00010: Reserved
•
PLLDIV1 = 00011: Divide by 4
•
PLLDIV1 = 00100–11111: Reserved
Functional Overview
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More