データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5341 データシート(PDF) 36 Page - Silicon Laboratories

部品番号 SI5341
部品情報  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 データシート(HTML) 36 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 32Page - Silicon Laboratories SI5341_16 Datasheet HTML 33Page - Silicon Laboratories SI5341_16 Datasheet HTML 34Page - Silicon Laboratories SI5341_16 Datasheet HTML 35Page - Silicon Laboratories SI5341_16 Datasheet HTML 36Page - Silicon Laboratories SI5341_16 Datasheet HTML 37Page - Silicon Laboratories SI5341_16 Datasheet HTML 38Page - Silicon Laboratories SI5341_16 Datasheet HTML 39Page - Silicon Laboratories SI5341_16 Datasheet HTML 40Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
÷
Nn0
Nd0
t0
÷
N2n
N2d
÷
N3n
N3d
t2
t3
÷
Nn1
Nd1
t1
LPF
PD
PLL
Mn
Md
SPI/
I
2 C
NVM
Status
Monitors
MultiSynth
÷R0
÷R2
÷R3
÷R1
OUT0b
VDDO0
OUT0
OUT2b
VDDO2
OUT2
OUT3b
VDDO3
OUT3
OUT1b
VDDO1
OUT1
Dividers/
Drivers
Zero Delay
Mode
FB_IN
FB_INB
÷Pfb
IN_SEL[1:0]
÷P2
÷P1
÷P0
IN0
IN0b
IN1
IN1b
IN2
IN2b
XA
XB
25-54 MHz
XTAL
OSC
÷P
Si5340
Generator
Clock
4
2
÷
XAXB
1
Figure 7.2. Si5340 Detailed Block Diagram
Si5341/40 Rev D Data Sheet
Detailed Block Diagrams
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53