データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LXT381II データシート(PDF) 25 Page - Intel Corporation

部品番号 LXT381II
部品情報  Octal E1 Line Interface Unit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

LXT381II データシート(HTML) 25 Page - Intel Corporation

Back Button LXT381II Datasheet HTML 21Page - Intel Corporation LXT381II Datasheet HTML 22Page - Intel Corporation LXT381II Datasheet HTML 23Page - Intel Corporation LXT381II Datasheet HTML 24Page - Intel Corporation LXT381II Datasheet HTML 25Page - Intel Corporation LXT381II Datasheet HTML 26Page - Intel Corporation LXT381II Datasheet HTML 27Page - Intel Corporation LXT381II Datasheet HTML 28Page - Intel Corporation LXT381II Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Octal E1 Line Interface — LXT381
Datasheet
25
The Analog Test Port can be used to verify continuity across the coupling transformer’s primary
winding. By applying a stimulus to the AT1 input, a known voltage will appear at AT2 for a given
load. This, in effect, tests the continuity of a receive or transmit interface. See Figure 8.
3.3.5
Instruction Register (IR)
The IR is a 3 bit shift register that loads the instruction to be performed. The instructions are shifted
LSB first. Table 7 shows the valid instruction codes and the corresponding instruction description.
11001
TTIP6
TRING6
11000
RTIP7
RRING7
10111
RTIP0
RRING0
10110
RTIP1
RRING1
10101
RTIP2
RRING2
10100
RTIP3
RRING3
10011
RTIP4
RRING4
10010
RTIP5
RRING5
10001
RTIP6
RRING6
10000
RTIP7
RRING7
Table 6.
Analog Port Scan Register (ASR) (Continued)
ASR Control Code
AT1 Forces Voltage To:
AT2 Senses Voltage From:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36