データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LNBH21 データシート(PDF) 16 Page - STMicroelectronics

部品番号 LNBH21
部品情報  LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH21 データシート(HTML) 16 Page - STMicroelectronics

Back Button LNBH21 Datasheet HTML 12Page - STMicroelectronics LNBH21 Datasheet HTML 13Page - STMicroelectronics LNBH21 Datasheet HTML 14Page - STMicroelectronics LNBH21 Datasheet HTML 15Page - STMicroelectronics LNBH21 Datasheet HTML 16Page - STMicroelectronics LNBH21 Datasheet HTML 17Page - STMicroelectronics LNBH21 Datasheet HTML 18Page - STMicroelectronics LNBH21 Datasheet HTML 19Page - STMicroelectronics LNBH21 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LNBH21
16/20
Figure 23 : Output Backward Current vs
Temperature
Figure 24 : DC/DC Converter Efficiency vs
Temperature
Figure 25 : Current Limit Sense Voltage vs
Temperature
Figure 26 : 22kHz Tone Waveform
Figure 27 : DSQIN Tone Enable Transient
Response
Figure 28 : DSQIN Tone Enable Transient
Response
VCC=12V, IO=50mA, EN=TEN=1
VCC=12V, IO=50mA, EN=1, Tone enabled by DSQIN Pin
VCC=12V, IO=50mA, EN=1, Tone enabled by DSQIN Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20