| データシートサーチシステム |
|
DS96F173MJ/883 データシート(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DS96F173MJ/883 データシート(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 10 page ![]() MIL-STD-883C Absolute Maximum Ratings (Note 2) For complete Military Specifications, refer to the appro- priate SMD or MDS. Storage Temperature Range (T STG) −65˚C to +175˚C Lead Temperature (Soldering, 60 sec.) 300˚C Max. Package Power Dissipation (Note 9) at 25˚C Ceramic DIP (J) 1500 mW Ceramic Flatpak (W) 1034 mW Ceramic LCC (E) 1500 mW Supply Voltage 7.0V Input Voltage, A or B Inputs ±25V Differential Input Voltage ±25V Enable Input Voltage 7.0V Low Level Output Current 50 mA Recommended Operating Conditions Min Typ Max Units Supply Voltage (V CC) DS96F173M/DS96F175M 4.50 5.0 5.50 V Common Mode Input Voltage (V CM) −7 +12 V Differential Input Voltage (V ID) |12| V Output Current HIGH (I OH) −400 µA Output Current LOW (I OL)11 mA Operating Temperature (T A) DS96F173M/DS96F175M −55 25 125 ˚C Note 9: Above TA = 25˚C derate J package 10 mW/˚C, W package 6.90 mW/˚C, E package 11.11 mW/˚C. Electrical Characteristics (Notes 3, 4) Over recommended supply voltage and operating temperature ranges, unless otherwise specified Symbol Parameter Conditions Min Max Units V TH Differential-Input High Threshold Voltage V CC = 4.5V, 5.5V V CM = 0V, 12V, −12V 0.2 V V TL Differential-Input (Note 5) Low Threshold Voltage V CC = 4.5V, 5.5V V CM = 0V, 12V, −12V −0.2 V V IH Enable Input Voltage HIGH 2.0 V V IL Enable Input Voltage LOW 0.8 V V IC Enable Input Clamp Voltage I I = −18 mA, VCC = 4.5V −1.5 V V OH Output Voltage HIGH V ID = 200 mV I OH = −400 µA −55˚C to +125˚C 2.5 V V OL Output Voltage LOW V ID = −200 mV I OL = 8.0 mA 0.45 V I OZ High-Impedance State Output V O = 0.4V, 2.4V, VCC = 5.5V ±20 µA I I Line Input Current (Note 7) Other Input = 0V V I = 12V 1.0 mA V I = −7.0V −0.8 I IH Enable Input Current HIGH V IH = 2.7V, VCC = 5.5V 20 µA I IL Enable Input Current LOW V IL = 0.4V, VCC = 5.5V −100 µA R I Input Resistance 10 k Ω I OS Short Circuit Output Current (Note 8) −15 −85 mA I CC Supply Current No Load Outputs Enabled or Disabled 50 mA I CCX MIL-STD-883C Switching Characteristics V CC = 5.0V Symbol Parameter Conditions T A = 25˚C T A = −55˚C T A = 125˚C Units Typ Max Max Max t PLH Propagation Delay Time, V ID = −2.5V to +2.5V, 15 22 30 30 ns Low to High Level Output C L =15pF, Figure 1 t PHL Propagation Delay Time, V CM =0V 15 22 30 30 ns High to Low Level Output t ZH Output Enable Time to High Level C L =15pF, Figure 2 12 16 27 27 ns www.national.com 4 |