| データシートサーチシステム |
|
DS96F173MJ/883 データシート(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DS96F173MJ/883 データシート(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 10 page ![]() Switching Characteristics (Continued) V CC = 5.0V Symbol Parameter Conditions T A = 25˚C T A = −55˚C T A = 125˚C Units Typ Max Max Max t ZL Output Enable Time to Low Level C L =15pF, Figure 3 13 18 27 27 ns t HZ Output Disable Time from High Level C L = 5.0 pF, Figure 2(Note 15) 14 20 27 27 ns C L =20pF, Figure 2(Note 15) 14 30 37 37 ns t LZ Output Disable Time from Low Level C L = 5.0 pF, Figure 3 14 18 30 30 ns |t PLH–tPHL| Pulse Width Distortion (SKEW) Figure 1 1 3 5.0 5.0 ns SMD Number: DS96F173MJ 5962-9076602 MEA DS96F173MW 5962-9076602 MFA DS96F173ME 5962-9076602 M2A DS96F175MJ 5962-9076601 MEA DS96F175MW 5962-9076601 MFA DS96F175ME 5962-9076601 M2A Order Number: 883 Marking SMD Marking DS96F173MJ/883 DS96F173MJ-SMD DS96F175MJ/883 DS96F175MJ-SMD See NS Package Number J16A DS96F173ME/883 DS96F173ME-SMD DS96F175ME/883 DS96F175ME-SMD See NS Package Number E20A DS96F173MW/883 DS96F173MW-SMD DS96F175MW/883 DS96F175MW-SMD See NS Package Number W16A For complete Military Product Specifications, refer to the appropriate SMD or MDS. www.national.com 5 |