データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV223X データシート(PDF) 69 Page - STMicroelectronics

部品番号 STV223X
部品情報  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV223X データシート(HTML) 69 Page - STMicroelectronics

Back Button STV223X Datasheet HTML 65Page - STMicroelectronics STV223X Datasheet HTML 66Page - STMicroelectronics STV223X Datasheet HTML 67Page - STMicroelectronics STV223X Datasheet HTML 68Page - STMicroelectronics STV223X Datasheet HTML 69Page - STMicroelectronics STV223X Datasheet HTML 70Page - STMicroelectronics STV223X Datasheet HTML 71Page - STMicroelectronics STV223X Datasheet HTML 72Page - STMicroelectronics STV223X Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 86 page
background image
STV224XH/228XH/223XH - INPUT/OUTPUT SCHEMATIC DIAGRAMS
69/86
Figure 41. Y/CVBS External Input
Figure 42. Chroma (SVHS) Input
VCC1 (8 V)
GND1
GND1
GND1
GND1
GND1
GND2
GND1
Y/CVBSIN3
Pin 22 (SDIP56)
VCC1 (8 V)
GND2
GND1
GND1
GND1
CHR
Pin 23 (SDIP56)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86